Part Number Hot Search : 
SBR10U AT42QT10 A2611 0C58SBA XRT95L51 PS256 CMPZ4107 0ETTS
Product Description
Full Text Search
 

To Download CR23A-6SA-4E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4mm Pitch Single Side Card Edge Connector
CR23 Series sFeatures
1. 4mm pitch contact 2. Variation in number of contacts
6, 10, 14, 18, 20, and 22 contacts are available.
3. Connection method
Eyelet and through hole types are available.
4. Prevents mis-insertion in the board
Using the polarizing key prevents mis-insertion in the board.
sProduct Specifications
Rating Current rating: 3A Voltage rating: 600V AC Operating Temperature Range : -30c to +85c (Note 1) Storage Temperature Range : -10 to +60c (Note 2) Operating Humidity Range : 40% to 80% Storage Humidity Range : 40 to 70% (Note 2)
Item 1.Insulation Resistance 5000M ohms
Specification 500V DC 1800V AC/1 minute 1A
Condition
2.Withstanding Voltage No flashover or insulation breakdown. 3.Contact Resistance 4.Vibration 15m ohms max. No electrical discontinuity of 10s or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-55c : 30 minutes15 to 35c: 5 minutes max. 85c : 30 minutes15 to 35c: 5 minutes max.) 5 cycles
5.Humidity (Steady state) Insulation resistance: 5000M min. 6.Temperature Cycle No damage, cracks, or parts looseness.
500 cycles 7.Durability (Mating/un-mating) Contact resistance: 30m ohms max. 8.Resistance to Soldering heat No deformation of components affecting performance. Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Parts Insulator Contact Material Polycarbonate Copper alloy Finish Blue Tin plated or gold plated Remarks UL94V-0 ________
sOrdering information
CR23
q
A - 6 S A - 4 DS
w e r t y u
q Series Name w Mold Type
: CR23 : A: Without mounting hole
Blank: With Mounting hole
t A: Gold plating
B: Tin plating
y Contact pitch: 4mm u Contact type
e Number of contacts: 6, 10, 14, 18, 22 r Contact alignment : Single side
DS: Through hole type E : Eyelet type
A2
sConnector Type
6,10,14,18,20,22 contacts Through hole Eyelet (E)
With mounting hole Tin plated Gold plated Without mounting hole
sContact Type
(1) Through hole
(2) Eyelet (E)
A3
sWith Mounting Hole Type
qThrough hole Type
CR23-*SA-4DS
qEyelet Type
CR23-*SA-4E
Unit: mm Part Number
CR23-6SA-4DS CR23-6SA-4E CR23-10SA-4DS CR23-10SA-4E CR23-10SB-4E CR23-14SA-4DS CR23-14SA-4E CR23-14SB-4E CR23-18SA-4DS CR23-18SA-4E CR23-22SA-4DS CR23-22SA-4E
CL No.
523-0025-6 523-0001-8 523-0029-7 523-0005-9 523-0007-4 523-0033-4 523-0009-0 523-0011-1 523-0037-5 523-0013-7 523-0045-3 523-0021-5
Number of Contacts
6
A 45
B 37
C 30
D 25.5
E 20
10
61
53
46
41.5
36
14
75
67
60
57.5
52
18
92
84
77
73.5
68
22
109
101
94
89.5
84
A4
sWihtout Mounting Hole Type
qThrough hole Type
CR23A-*SA-4DS
qEyelet Type
CR23A-*SA-4E
Unit: mm Part Number
CR23A-6SA-4DS CR23A-6SA-4E CR23A-10SA-4DS CR23A-10SB-4DS CR23A-10SA-4E CR23A-10SB-4E CR23A-14SA-4DS CR23A-14SB-4DS CR23A-14SA-4E CR23A-14SB-4E CR23A-18SA-4E CR23A-22SB-4DS
CL No.
523-0026-9 523-0002-0 523-0030-6 523-0032-1 523-0006-1 523-0008-7 523-0034-7 523-0036-2 523-0010-9 523-0012-4 523-0014-0 523-0048-1
Number of Contacts
6
A 30
B 25.5
C 20
10
46
41.5
36
14
60
57.5
52
18 22
77 94
73.5 89.5
68 84
A5
BPCB Dimensions
Number of Contacts Size A B
6 20 25.3
10 36 41.3
14 52 57.3
18 68 73.3
22 84 89.3
sPolarizing Key
CR7C-GPIN HIF5B-GPIN
Part Number
CR7C-GPIN HIF5B-GPIN
CL No. 507-0055-8 564-0052-4
Material Polyacetal PBT
Finish White Beige
Note: Using the polarizing key prevents mis-insertion in the printed board. To use the polarizing key, insert the polarizing key so as to hit the mold bottom.
BPCB mounting pattern
Number of Contacts Size A B
6 37 20
10 53 36
14 67 52
18 84 68
22 101 84
BContact No. Alignment List
Note 1: If alphabetic symbols are utilized, following 8 alphabetic characters are not used. G, I, O, Q, g, i, o, q Note 2: The above pattern is viewed from the Contact (connection) side.
A6


▲Up To Search▲   

 
Price & Availability of CR23A-6SA-4E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X